Part Number Hot Search : 
12332 A5201 MCM6227B BRS340 120N6 53020C 5VCTT CXA16
Product Description
Full Text Search
 

To Download 1PS88SB48 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Schottky Barrier Diodes 1PS88SB48
Diodes
SOT-363
+0.1 1.3-0.1 0.65
Unit: mm
Features
Low forward voltage Small SMD package Guard ring protected Absorbs very high surge pulse Low capacitance.
+0.15 2.3-0.15
0.36
Absolute Maximum Ratings Ta = 25
Parameter continuous reverse voltage continuous forward current repetitive peak forward current non-repetitive peak forward current storage temperature junction temperature operating ambient temperature thermal resistance from junction to ambient Symbol VR IF IFRM IFSM Tstg Tj Tamb Rth j-a -65 tp 1 s; a tp < 10 ms -65 0.5 Conditions Min Max 40 120 120 200 +150 150 +150 416 K/W Unit V mA mA mA
E lectrical C haracteristics T a = 25
P aram eter S ym bol C onditions IF = 1 m A continuous forw ard voltage VF IF = 10 m A IF = 40 m A continuous reverse current diode capacitance N ote 1. P ulse test: tp = 300 s; a = 0.02. IR CT V R = 30 V V R = 80 V V R =0 V ,f=1 M H z M ax 380 500 1 1 10 5 U nit mV mV V A pF
Marking
Marking 8t5
+0.05 0.95-0.05
0.1max
+0.1 0.3-0.1 +0.1 2.1-0.1
+0.05 0.1-0.02
+0.1 1.25-0.1
Ultra fast switching speed
0.525
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 1PS88SB48

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X